Part Number Hot Search : 
IRL3302 F06F150 VCO19 33000 TB2118FG DM74AL FDC658AP F2001
Product Description
Full Text Search
 

To Download NDY4815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NDY SERIES
Isolated 3W Wide Input DC/DC Converters
SELECTION GUIDE
Typical Isolation Capacitance Min Efficiency1
Nominal Rated Input Output Voltage Voltage
Output Current 4 Min Load Full Load
Input Current Full Load
MTTF3
Order Code
NDY0505 NDY0509 NDY0512 NDY0515
(V) 5 5 5 5 12 12 12 12 24 24 24 24 24 48 48 48 48 48
(V) 5 9 12 15 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15
(mA) 100 -150 55-83 42-62 33-50 150 83 62 50 227 150 83 62 50 227 150 83 62 50
(mA) 400- 600 222-333 166-250 133-200 600 333 250 200 909 600 333 250 200 909 600 333 250 200
(mA) 615 563 548 533 362 320 316 308 178 174 156 154 150 87 87 78 77 76
(%) 66 72 71 73 71 78 78 79 70 70 78 80 82 71 73 80 81 81
(pF) 40 52 43 44 36 52 44 47 30 36 52 44 54 30 35 52 44 53
kHrs 1939 1926 1907 1924 1928 1916 1897 1914 1671 1673 1663 1644 1657 1676 1668 1663 1648 1661
FEATURES Industry Standard Footprint Single Isolated Output Short Circuit Protection Operating Temperature Range -40C to +85C Low Profile 24 Pin Case Efficiency to 82% Power Density 0.90W/cm 2:1 Wide Input Range 5V, 12V, 24V & 48V Input 3.3V, 5V, 9V, 12V & 15V Output Footprint 4.73cm2 UL 94V-0 Package Materials No Heatsink Required Internal SMD Construction Fully Encapsulated Lead Free Compatible DESCRIPTION
The NDY series is a range of low profile DC/DC converters offering a single regulated output over a 2:1 input voltage range. All parts deliver 3W output power up to 85C without heatsinking, except the 4.5V to 9V input voltage range which should be derated to 2W at the lower input voltage. A flyback oscillator design with isolated feedback is used to give regulation over the full operating range of 25% to 100% of full load. It is strongly recommended that external capacitors be used on input and output to guarantee performance over full load and input voltage range (see recommended filter circuit for values). The plastic case and encapsulant materials are rated to UL 94V-0 and the connection pins are formed from a tin plated alloy 42 leadframe.
3
NDY1205 NDY1209 NDY1212 NDY1215 NDY2403 NDY2405 NDY2409 NDY2412 NDY2415 NDY4803 NDY4805 NDY4809 NDY4812 NDY4815
INPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Voltage Range
Reflected1 Ripple Current
All NDY05XX All NDY12XX All NDY24XX All NDY48XX NDY24032 NDY48032 All NDY05XX All NDY12XX All other NDY24XX All other NDY48XX
4.5 9 18 36
5 12 24 48 180 140 400 150 290 100
9 18 36 72 360 290 500 170 360 127
VDC
mA p-p
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection Input voltage 05 types Input voltage 12 types Input voltage 24 types Input voltage 48 types Lead temperature 1.5mm from case for 10 seconds Minimum Load Internal Dissipation continuous 10V 20V 40V 80V 300C 25% of rated load 1.7W
www.cdpoweronline.com
1 Measured at full load with external input/output capacitors, refer to filter circuit 1. 2 For lower ripple refer to filter circuit 2. 3 Calculated using MIL-HDBK-217F with nominal input voltage at full load. 4 Refer to power derating graph. All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified.
NDY SERIES
Isolated 3W Wide Input DC/DC Converters
OUTPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Voltage Set Point Accuracy Line Regulation
Load Regulation
Ripple2
Noise
With external input/output capacitors, refer to filter circuits Low line to high line, 3.3V output with external input/output capacitors, refer to filter circuit 1 Low line to high line, with external input/output capacitors, refer to filter circuit 1 25% load to 100% load, 3.3V output with external input/output capacitors, refer to filter circuit 1 25% load to 100% load, with external input/output capacitors, refer to filter circuit 1 BW = 20Hz to 300kHz. 3.3V output with external input/output capacitors, refer to filter circuit 1 BW = 20Hz to 300kHz. With external input/output capacitors, refer to filter circuit 1 BW = DC to 100MHz. 3.3V output with external input/output capacitors, refer to filter circuit 1 BW = DC to 100MHz. With external input/output capacitors, refer to filter circuit 1
1 0.05 0.05 0.6 0.2 80 5
5 0.2 0.5 0.5 0.5 120 10 180
% % % % % mV rms mV rms mV p-p mV p-p
50
100
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Isolation Test Voltage Resistance
Flash tested for 1 second Viso=500VDC
1000 1
VDC G
GENERAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Switching Frequency
100% load VIN nominal 3.3V output 25% load VIN nominal 3.3V output 100% load VIN nominal 25% load VIN nominal
160 290 80 290
220 560 220 560
kHz
MECHANICAL DIMENSIONS
1.27 (32.26)
PIN CONNECTIONS (TOP VIEW)
VIN 0.577 (14.66)
1
24
VIN
0.275 (7.00) 0V +V 0.185 (4.70) 0.145 (3.70) 0.033 (0.84) 0.021 (0.54) 1.10 (27.94)
Weight: 6.2g (3.3V O/P 6.7g)
10 11 12
15 14 13
0V +V GND
0.10 (2.54)
0.012 (0.30) 0.008 (0.20) 0.644 (16.35) Max
GND
1 Measured at full load with external input/output capacitors, refer to filter circuit 1. 2 For lower ripple refer to filter circuit 2. 3 Calculated using MIL-HDBK-217F with nominal input voltage at full load. 4 Refer to power derating graph. All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified.
www.cdpoweronline.com
NDY SERIES
Isolated 3W Wide Input DC/DC Converters
FILTER CIRCUITS EXTERNAL CAPACITANCE
Although these converters will work without external capacitors, they are necessary in order to guarantee the full parametric performance over the full line and load range. All parts have been tested and characterised using the following values and test circuit.
CIN Value COUT LOUT
10F, 200V Philips Part Number 151621809 or any good low esr capacitor
100F, 25V Philips Part Number 13556101 or any good low esr capacitor
C&D Technologies Part No 24100
FILTER CIRCUIT 1
VIN +VOUT
CIN
NDY
COUT
OUTPUT LOAD
The minimum rated load across the whole input voltage range is 25% of the full load output. It is important to take care that the load does not fall below this as the output ripple will greatly increase. While this condition will not harm the device the resultant increase in output ripple could cause customers' application to malfunction.
GND OV
FILTER CIRCUIT 2 Recommended circuit for reduced ripple 3.3V O/P
VIN LOUT +VOUT
CIN
NDY
COUT
GND
OV
ENVIRONMENTAL
Parameter Conditions MIN TYP MAX Units
Operation Storage Cooling
-40 -50 Free air convection
85 130
C C
NDY05 POWER DERATING CURVE
5 Output Power (W) 4 3 2 1 0 4.5 5
6 7 Input Voltage (V)
8
9
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2003 NDC NDY.3 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.cdpoweronline.com
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545 email: info@cdtechno-ncl.com www.cdpoweronline.com
C&D Technologies Inc. 3400 E Britannia Drive, Tucson, Arizona 85706, USA Tel: +1 (800) 547-2537 Fax: +1 (520) 741-4598 email: sales@cdtechno.com


▲Up To Search▲   

 
Price & Availability of NDY4815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X